Part Number Hot Search : 
PZM39N AD602JN HMS39112 74HCT40 MB89P475 Z5233B SKY650 F052105
Product Description
Full Text Search
 

To Download NL27WZ04DFT2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 march, 2013 ? rev. 10 1 publication order number: nl27wz04/d nl27wz04 dual inverter the nl27wz04 is a high performance dual inverter operating from a 1.65 v to 5.5 v supply. high impedance ttl compatible inputs significantly reduce current loading to input drivers while ttl compatible outputs offer improved switching noise performance. features ? extremely high speed: t pd 2.0 ns (typical) at v cc = 5 v ? designed for 1.65 v to 5.5 v v cc operation ? over voltage tolerant inputs and outputs ? lvttl compatible ? interface capability with 5 v ttl logic with v cc = 3 v ? lvcmos compatible ? 24 ma balanced output sink and source capability ? near zero static supply current substantially reduces system power requirements ? replacement for nc7w04 ? chip complexity: fet = 72; equivalent gate = 18 ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable ? these devices are pb ? free and are rohs compliant v cc in a1 out y1 gnd in a2 out y2 1 figure 1. pinout (top view) figure 2. logic symbol in a2 out y2 1 out y1 in a1 1 2 34 5 6 see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information marking diagrams sc ? 88 (sc70 ? 6/sot ? 363) df suffix case 419b tsop ? 6 dt suffix case 318g http://onsemi.com 1 1 m5 m   1 m5 = device code m = date code*  = pb ? free package *date code orientation and/or position and underbar may vary depending upon manufacturing location. (note: microdot may be in either location) function table l h h l pin assignment 1 2 3 4 5 6 a input y output in a1 gnd in a2 out y2 v cc out y1 m5 m   m 1 6 pin function
nl27wz04 http://onsemi.com 2 maximum ratings symbol characteristics value units v cc dc supply voltage ? 0.5 to +7.0 v v i dc input voltage ? 0.5 v i +7.0 v v o dc output voltage output in high or low state (note 1) ? 0.5 v o 7.0 v i ik dc input diode current v i < gnd ? 50 ma i ok dc output diode current v o < gnd ? 50 ma i o dc output source/sink current 50 ma i cc dc supply current per supply pin 100 ma i gnd dc ground current per ground pin 100 ma t stg storage temperature range ? 65 to +150 c p d power dissipation in still air sc ? 88, tsop ? 6 (note 2) 200 mw  ja thermal resistance sc ? 88, tsop ? 6 (note 2) 333 c/w t l lead temperature, 1 mm from case for 10 seconds 260 c t j junction temperature under bias +150 c v esd esd withstand voltage human body model (note 3) machine model (note 4) charged device model (note 5) > 2000 > 200 n/a v i latchup latchup performance above v cc and below gnd at 125 c (note 6) 100 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. i o absolute maximum rating must be observed. 2. measured with minimum pad spacing on an fr4 board, using 10 mm ? by ? 1 inch, 2 ? ounce copper trace with no air flow. 3. tested to eia/jesd22 ? a114 ? a 4. tested to eia/jesd22 ? a115 ? a 5. tested to jesd22 ? c101 ? a 6. tested to eia/jesd78. recommended operating conditions parameter symbol min max units supply voltage operating data retention only v cc 1.65 1.5 5.5 5.5 v input voltage v i 0 5.5 v output voltage (high or low state) v o 0 5.5 v operating free ? air temperature t a ? 55 +125 c input transition rise or fall rate v cc = 2.5 v 0.2 v v cc = 3.0 v 0.3 v v cc = 5.0 v 0.5 v  t/  v 0 0 0 20 10 5 ns/v
nl27wz04 http://onsemi.com 3 dc electrical characteristics v cc t a = 25 c ? 55 c  t a  125 c parameter condition symbol (v) min typ max min max units high ? level input voltage v ih 1.65 ? 1.95 0.75 v cc 0.75 v cc v 2.3 to 5.5 0.7 v cc 0.7 v cc low ? level input voltage v il 1.65 ? 1.95 0.25 v cc 0.25 v cc v 2.3 to 5.5 0.3 v cc 0.3 v cc high ? level output voltage v in = v il i oh = ? 100  a v oh 1.65 to 5.5 v cc ? 0.1 v cc v cc ? 0.1 v i oh = ? 3 ma 1.65 1.29 1.52 1.29 i oh = ? 8 ma 2.3 1.9 2.1 1.9 i oh = ? 12 ma 2.7 2.2 2.4 2.2 i oh = ? 16 ma 3.0 2.4 2.7 2.4 i oh = ? 24 ma 3.0 2.3 2.5 2.3 i oh = ? 32 ma 4.5 3.8 4.0 3.8 low ? level output voltage v in = v ih i ol = 100  a v ol 1.65 to 5.5 0.1 0.1 v i ol = 3 ma 1.65 0.08 0.24 0.24 i ol = 8 ma 2.3 0.20 0.3 0.3 i ol = 12 ma 2.7 0.22 0.4 0.4 i ol = 16 ma 3.0 0.28 0.4 0.4 i ol = 24 ma 3.0 0.38 0.55 0.55 i ol = 32 ma 4.5 0.42 0.55 0.55 input leakage current v in = 5.5 v or gnd i in 0 to 5.5 0.1 1.0  a power off leakage current v in = 5.5 v or v out = 5.5 v i off 0 1 10  a quiescent supply current v in = 5.5 v or gnd i cc 5.5 1 10  a ac electrical characteristics t r = t f = 2.5 ns; c l = 50 pf; r l = 500  parameter condition v cc (v) t a = 25 c ? 55 c  t a  125 c units symbol min typ max min max propagation delay (figure 3 and 4) r l = 1 m  c l = 15 pf t plh t phl 1.65 1.8 2.3 9.2 1.8 11.0 ns r l = 1 m  c l = 15 pf 1.8 1.8 4.4 7.6 1.8 8.4 r l = 1 m  c l = 15 pf 2.5 0.2 1.2 3.0 5.1 1.2 5.6 r l = 1 m  c l = 15 pf 3.3 0.3 0.8 2.2 3.4 0.8 3.8 r l = 500  c l = 50 pf 1.2 2.9 4.5 1.2 5.0 r l = 1 m  c l = 15 pf 5.0 0.5 0.5 1..8 2.8 0.5 3.1 r l = 500  c l = 50 pf 0.8 2.3 3.6 0.8 4.0 capacitive characteristics parameter symbol condition typical units input capacitance c in v cc = 5.5 v, v i = 0 v or v cc 2.5 pf power dissipation capacitance (note 7) c pd 10 mhz, v cc = 3.3 v, v i = 0 v or v cc 10 mhz, v cc = 5.5 v, v i = 0 v or v cc 9 11 pf 7. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the no ? load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
nl27wz04 http://onsemi.com 4 v cc gnd 50% 50% v cc a y t phl t plh figure 3. switching waveforms propagation delays t r = t f = 2.5 ns, 10% to 90%; f = 1 mhz; t w = 500 ns pulse generator r t dut v cc r l c l r t = z out of pulse generator (typically 50  ) figure 4. test circuit ordering information device package shipping ? nl27wz04dft1g sc ? 88/sc70 ? 6/sot ? 363 (pb ? free) 3000 / tape & reel NL27WZ04DFT2G sc ? 88/sc70 ? 6/sot ? 363 (pb ? free) 3000 / tape & reel nlv27wz04dft1g* sc ? 88/sc70 ? 6/sot ? 363 (pb ? free) 3000 / tape & reel nlv27wz04dft2g* sc ? 88/sc70 ? 6/sot ? 363 (pb ? free) 3000 / tape & reel nl27wz04dtt1g tsop ? 6 (pb ? free) 3000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
nl27wz04 http://onsemi.com 5 package dimensions sc ? 88/sc70 ? 6/sot ? 363 case 419b ? 02 issue y notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimensions d and e1 do not include mold flash, protrusions, or gate burrs. mold flash, protru- sions, or gate burrs shall not exceed 0.20 per end. 4. dimensions d and e1 at the outermost extremes of the plastic body and datum h. 5. datums a and b are determined at datum h. 6. dimensions b and c apply to the flat section of the lead between 0.08 and 0.15 from the tip. 7. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 total in excess of dimension b at maximum material condi- tion. the dambar cannot be located on the lower radius of the foot. c ddd m 123 a1 a c 654 e b 6x dim min nom max millimeters a ??? ??? 1.10 a1 0.00 ??? 0.10 ddd b 0.15 0.20 0.25 c 0.08 0.15 0.22 d 1.80 2.00 2.20 ??? ??? 0.043 0.000 ??? 0.004 0.006 0.008 0.010 0.003 0.006 0.009 0.070 0.078 0.086 min nom max inches 0.10 0.004 e1 1.15 1.25 1.35 e 0.65 bsc l 0.26 0.36 0.46 2.00 2.10 2.20 0.045 0.049 0.053 0.026 bsc 0.010 0.014 0.018 0.078 0.082 0.086 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.65 0.66 6x dimensions: millimeters 0.30 pitch 2.50 6x recommended top view side view end view bbb h b seating plane detail a e a2 0.70 0.90 1.00 0.027 0.035 0.039 l2 0.15 bsc 0.006 bsc aaa 0.15 0.006 bbb 0.30 0.012 ccc 0.10 0.004 a-b d aaa c 2x 3 tips d e1 d e a 2x aaa h d 2x d l plane detail a h gage l2 c ccc c a2 6x
nl27wz04 http://onsemi.com 6 package dimensions ? 6 case 318g ? 02 issue v 23 4 5 6 d 1 e b e1 a1 a 0.05 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e1 do not include mold flash, protrusions, or gate burrs. mold flash, protrusions, or gate burrs shall not exceed 0.15 per side. dimensions d and e1 are determined at datum h. 5. pin one indicator must be located in the indicated zone. c *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* dim a min nom max millimeters 0.90 1.00 1.10 a1 0.01 0.06 0.10 b 0.25 0.38 0.50 c 0.10 0.18 0.26 d 2.90 3.00 3.10 e 2.50 2.75 3.00 e 0.85 0.95 1.05 l 0.20 0.40 0.60 0.25 bsc l2 ? 0 1 0 1.30 1.50 1.70 e1 e recommended note 5 l c m h l2 seating plane gauge plane detail z detail z 0.60 6x 3.20 0.95 6x 0.95 pitch dimensions: millimeters m on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 nl27wz04/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NL27WZ04DFT2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X